Part Number Hot Search : 
MAX92 SC4524 IR3C01 GRF300 TDA729 DB201 6039122 002228
Product Description
Full Text Search
 

To Download FSQ51009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  january 2009 ? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter fsq510, fsq510h, and fsq510m green mode fairchild power switch (fps?) for valley switching converter ? low emi and high efficiency features ? uses an ldmos integrated power switch ? optimized for valley switching converter (vsc) ? low emi through variable frequency control and inherent frequency modulation ? high efficiency through minimum drain voltage switching ? extended valley switching for wide load ranges ? small frequency variation for wide load ranges ? advanced burst-mode operation for low standby power consumption ? pulse-by-pulse current limit ? protection functions: overload protection (olp), internal thermal shutdown (tsd) with hysteresis ? under-voltage lockout (uvlo) with hysteresis ? internal startup circuit ? internal high-voltage sensefet: 700v ? built-in soft-start: 5ms applications ? auxiliary power supplies for lcd tv, lcd monitor, personal computer, and white goods description a valley switching converter (vsc) generally shows lower emi and higher power conversion efficiency than a conventional hard-switched converter with a fixed switching frequency. the fsq510 (h or m) is an integrated valley switching pulse width modulation (vs- pwm) controller and sensefet specifically designed for offline switch-mode power supplies (smps) for valley switching with minimal external components. the vs-pwm controller includes an integrated oscillator, under-voltage lockout (uvlo), leading-edge blanking (leb), optimized gate driver, internal soft-start, temperature-compensated prec ise current sources for loop compensation, and self-protection circuitry. compared with discrete mosfet and pwm controller solutions, the fsq510 (h or m) can reduce total cost, component count, size and weight; while simultaneously increasing efficiency, productivity, and system reliability. this device provides a platform for cost-effective designs of a valley switching flyback converters. ordering information output power table (1) 230v ac 15% (2) 85-265v ac part number package eco status operating junction temperature current limit r ds(on) (max) adapter (3) open frame (4) adapter (3) open frame (4) replaces devices fsq510 7-dip fsd210b fsq510h 8-dip fsd210dh fsq510m 7-mlsop rohs -40 to +130 c 320ma 32 5.5w 9w 4w 6w fsd210bm for fairchild?s definition of ?green? eco status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html . notes: 1. the junction temperature can limit the maximum output power. 2. 230v ac or 100/115v ac with voltage doubler. 3. typical continuous power with a fairchild charger evaluation board described in this datasheet in a non- ventilated, enclosed adapter housing, measured at 50 c ambient temperature. 4. maximum practical continuous power for aux iliary power supplies in an open-frame design at 50 c ambient temperature.
? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 2 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter application circuit v cc gnd d sync vo vs -pwm v fb ac in v str figure 1. typical application circuit internal block diagram s r q osc r se nse (0.4v) olp tsd leb i fb i delay 6r r 360ns s/s 5ms uvlo v ref 7 (8) d 8 (1) v str gnd 5 (7) v cc 3 (2) v fb 0.85v / 0.75v 4.7v v ref v ref a/r s r q 4 (3) sync 0.7v / 0.1v 8.7v / 6.7v 1,2 (4,5,6) 200 ns delay n(m):n stands for the pin number of 7-dip and 7-mlsop m stands for the pin number of 8-dip figure 2. internal block diagram
? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 3 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter pin assignments gnd v fb sync v str fsq510h v cc d gnd gnd figure 3. package diagrams for fsq510(m) and fsq510h pin definitions 7-pin 8-pin name description 1, 2 4, 5, 6 gnd this pin is the control ground and the sensefet source. 3 2 v fb this pin is internally connected to the inverting input of the pwm comparator. the collector of an opto- coupler is typically tied to this pin. for stable operation, a capacitor should be placed between this pin and gnd. if the voltage of this pin reaches 4.7v, the overload protection triggers, which shuts down the fps. 4 3 sync this pin is internally connected to the sync-detect comparator for valley switching. in normal valley-switching operation, the threshold of the sync comparator is 0.7v/0.1v. 5 7 v cc this pin is the positive supply i nput. this pin provides internal operating current for both startup and steady-state operation. 7 8 d high-voltage power sensefet drain connection. 8 1 v str this pin is connected directly, or through a resistor, to the high- voltage dc link. at startup, the in ternal high-voltage current source supplies internal bias and charges the external capacitor connected to the v cc pin. once v cc reaches 8.7v, the internal current source is disabled.
? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 4 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter absolute maximum ratings stresses exceeding the absolute maximum ratings may dam age the device. the device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. in addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. symbol parameter min. max. unit v str v str pin voltage 500 v v ds drain pin voltage 700 v v cc supply voltage 20 v v fb feedback voltage range -0.3 internally clamped (5) v v sync sync pin voltage -0.3 6.5 v 7-dip 7-mlsop 1.38 p d total power dissipation 8-dip 1.47 w maximum junction temperature +150 t j recommended operating junction temperature (6) -40 +140 c t stg storage temperature -55 +150 c notes: 5. v fb is internally clamped at 6.5v (i clamp_max <100ua) which has a tolerance between 6.2v and 7.2v. 6. the maximum value of the recommended operating junc tion temperature is limited by thermal shutdown. thermal impedance t a =25c unless otherwise specified. items are test ed with the standards jesd 51-2 and 51-10 (dip). symbol parameter value unit 7-dip, 7-mlsop ja junction-to-ambient thermal impedance (7) 90 c/w jc junction-to-case thermal impedance (8) 13 c/w 8-dip ja junction-to-ambient thermal impedance (7) 85 c/w jc junction-to-case thermal impedance (8) 13 c/w notes: 7. free-standing with no heatsink; without copper clad; m easurement condition - just before junction temperature t j enters into tsd. 8. measured on the drain pin close to plastic interface.
? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 5 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter t electrical characteristics t j =25 c unless otherwise specified. symbol parameter conditions min. typ. max. unit sensefet section bv dss drain-source breakdown voltage v cc =0v, i d =100 a 700 v i dss zero-gate-voltage drain current v ds =700v 150 a t j =25 c, i d =180ma 28 32  r ds(on) drain-source on-state resistance t j =100 c, i d =180ma 42 48  c iss input capacitance (9) v gs =11v 96 pf c oss output capacitance (9) v ds =40v 28 pf t r rise time (9) v ds =350v, i d =25ma 100 ns t f fall time (9) v ds =350v, l d =25ma 50 ns control section f s initial switching frequency v cc =11v, v fb =5v, v sync =0v 87.7 94.3 100.0 khz f s switching frequency variation (9) -25 c < t j < 125 c 5 8 % i fb feedback source current v cc =11v, v fb =0v 200 225 250 a t b b switching blanking time v cc =11v, v fb =1v, v sync frequency sweep 7.2 7.6 8.2 s t b w valley detection window time (9) 3.0 s d max maximum duty ratio v cc =11v, v fb =3v 54 60 66 % d min minimum duty ratio v cc =11v, v fb =0v 0 % v start v fb =0v, v cc sweep 8.0 8.7 9.4 v v stop uvlo threshold voltage after turn-on, v fb =0v 6.0 6.7 7.4 v t s/s internal soft-start time v str =40v, v cc sweep 3 5 7 ms burst-mode section v burh 0.75 0.85 0.95 v v burl 0.65 0.75 0.85 v hys burst-mode voltage v cc =11v, v fb sweep 100 mv protection section i lim peak current limit di/dt=90ma/s 280 320 360 ma v sd shutdown feedback voltage v ds =40v, v cc =11v, v fb sweep 4.2 4.7 5.2 v fsq510h 4 5 6 i delay shutdown delay current fsq510(m) v cc =11v, v fb =5v 3.5 4.5 5.5 a t leb leading-edge blanking time (9) 360 ns t sd 130 140 150 c hys thermal shutdown temperature (9) 60 c synchronous section v sh v cc =11v, v fb =1v 0.55 0.70 0.85 v v sl synchronous threshold voltage v cc =11v, v fb =1v 0.05 0.10 0.15 v t sync synchronous delay time 180 200 220 ns total device section i op operating supply current (control part only) v cc =11v, v fb =5.5v 0.8 1.0 ma i ch startup charging current v cc =v fb =0v,v str =40v 1.0 1.2 ma v str supply voltage v cc =v fb =0v, v str sweep 27 v note: 9. these parameters, although guaranteed, are not 100% tested in production.
? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 6 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter comparison between fsd210b and fsq510 function fsd210b fsq510 advantages of fsq510 control mode voltage mode current mode fast response easy-to-design control loop operation method constant frequency pwm valley switching operation turn-on at minimum drain voltage high efficiency and low emi emi reduction method frequency modulation valley switching frequency variation depending on the ripple of dc link voltage high efficiency and low emi soft-start 3ms (built-in) 5ms (b uilt-in) longer soft-start time protection tsd tsd with hysteresis enhanced thermal shutdown protection power balance long t cld short t cld small difference of input power between the low and high input voltage cases power ratings less than 5w under open-frame condition at the universal line input more than 6w under open-frame condition at the universal line input more output power rating available due to the valley switching
? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 7 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter typical performance characteristics characteristic graphs are normalized at t a =25c. 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 - 40 - 25 0 25 50 75 100 125 temperature [ ] normalized 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 - 40 - 25 0 25 50 75 100 125 temperature [ ] normalized figure 4. operating frequency (f osc ) vs. t a figure 5. peak current limit (i lim ) vs. t a 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 - 40 - 25 0 25 50 75 100 125 temperature [ ] normalized 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 - 40 - 25 0 25 50 75 100 125 temperature [ ] normalized figure 6. start threshold voltage (v start ) vs. t a figure 7. stop threshold voltage (v stop ) vs. t a 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 - 40 - 25 0 25 50 75 100 125 temperature [ ] normalized 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 - 40 - 25 0 25 50 75 100 125 temperature [ ] normalized figure 8. shutdown feedback voltage (v sd ) vs. t a figure 9. maximum duty cycle (d max ) vs. t a
? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 8 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter typical performance characteristics (continued) 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 - 40 - 25 0 25 50 75 100 125 temperature [ ] normalized 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 - 40 - 25 0 25 50 75 100 125 temperature [ ] normalized figure 10. feedback source current (i fb ) vs. t a figure 11. shutdown delay current (i delay ) vs. t a 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 - 40 - 25 0 25 50 75 100 125 temperature [ ] normalized figure 12. operating supply current (i op ) vs. t a
? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 9 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter functional description 1. startup: at startup, an internal high-voltage current source supplies the internal bias and charges the external capacitor (c a ) connected to the v cc pin, as illustrated in figure 13. when v cc reaches 8.7v, the fps begins switching and the internal high-voltage current source is disabled. the fps continues normal switching operation and the power is supplied from the auxiliary transformer winding unless v cc goes below the stop voltage of 6.7v. 6.7v/ 8.7v 5 v ref internal bias v cc 8 v str i ch v cc good v dc c a figure 13. startup block 2. feedback control : this device employs current- mode control, as shown in figure 14. an opto-coupler (such as the fod817) and shunt regulator (such as the ka431) are typically used to implement the feedback network. comparing the feedback voltage with the voltage across the r sense resistor makes it possible to control the switching duty cycle. when the reference pin voltage of the shunt regulator exceeds the internal reference voltage of 2.5v, t he opto-coupler led current increases, pulling down the feedback voltage and reducing the drain current. this typically occurs w hen the input voltage is increased or the output load is decreased. 2.1 pulse-by-pulse current limit : because current- mode control is employed, the peak current through the sensefet is limited by the inverting input of pwm comparator (v fb *), as shown in figure 14. assuming that the 225a current source flows only through the internal resistor (6r + r=12.6k ), the cathode voltage of diode d2 is about 2.8v. since d1 is blocked when the feedback voltage (v fb ) exceeds 2.8v, the maximum voltage of the cathode of d2 is clamped at this voltage, clamping v fb *. therefore, the peak value of the current through the sensefet is limited. 2.2 leading-edge blanking (leb) : at the instant the internal sensefet is turned on, a high-current spike usually occurs through the sensefet, caused by primary-side capacitance and secondary-side rectifier reverse recovery. excessive voltage across the r sense resistor would lead to incorrect feedback operation in the current mode vs-pwm control. to counter this effect, the fps employs a leading-edge blanking (leb) circuit to inhibit t he vs-pwm comparator for a short time (t leb ) after the sensefet is turned on. osc v ref i delay i fb v sd r 6r gate driver olp d1 d 2 + v fb * - v fb ka431 ob v o fod817 r sense sensefet v ref vs signal 3 figure 14. valley switching pulse-width modulation (vs-pwm) circuit 3. synchronization : the fsq510 (h or m) employs a valley-switching technique to minimize the switching noise and loss. the basic waveforms of the valley switching converter are shown in figure 15. to minimize the mosfet switching loss, the mosfet should be turned on when the drain voltage reaches its minimum value, as shown in figure 15. the minimum drain voltage is indirectly detected by monitoring the v b cc b winding voltage, as shown in figure 15. v dc v ro v ro v ds t f 0.7v v sync 200ns delay 0.1v mosfet gate on on figure 15. valley switching waveforms
? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 10 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter 4. protection circuits : the fsq510 (h or m) has two self-protective functions, overload protection (olp) and thermal shutdown (tsd). the protections are implemented as auto-restart mode. once the fault condition is detected, switching is terminated and the sensefet remains off. this causes v cc to fall. when v b cc b falls down to the under-voltage lockout (uvlo) stop voltage of 6.7v, the protection is reset and the startup circuit charges the v cc capacitor. when v cc reaches the start voltage of 8.7v, the fsq510 (h or m) resumes normal operation. if the fault condition is not removed, the sensefet remains off and v cc drops to stop voltage again. in this manner, the auto-restart can alternately enable and disable the switching of the power sensefet until the fault condition is eliminated. because these protection circ uits are fully integrated into the ic without external components, reliability is improved without increasing cost. fault situation 6.7v 8.7v v cc v ds t fault occurs fault removed normal operation normal operation power on figure 16. auto restart protection waveforms 4.1 overload protection (olp) : overload is defined as the load current exceeding its normal level due to an unexpected event. in this situation, the protection circuit should trigger to protect the smps. however, even when the smps is in the normal operation, the overload protection circuit can be triggered during the load transition. to avoid this undesired operation, the overload protection circuit is designed to trigger only after a specified time to determine whether it is a transient situation or a true overload situation. because of the pulse-by-pulse current limit capability, the maximum peak current through the sensefet is limited and, therefore, the maximum input power is restricted with a given input voltage. if the output consumes more than this maximum power, the output voltage (v o ) decreases below the set voltage. this reduces the current through the opto-c oupler led, which also reduces the opto-coupler tr ansistor current, increasing the feedback voltage (v fb ). if v fb exceeds 2.8v, d1 is blocked and the 5a current source starts to charge c b slowly up . in this condition, v fb continues increasing until it reaches 4.7v, when the switching operation is terminated, as shown in figure 17. the delay time for shutdown is the time required to charge c b from 2.8v to 4.7v with 5a. a 20 ~ 50ms delay time is typical for most applications. this protection is implemented in auto-restart mode. v fb t 2.8v 4.7v overload protection t 12 = c b ?(4.7-2.8)/i delay t 1 t 2 figure 17. overload protection 4.2 thermal shutdown (tsd) : the sensefet and the control ic on a die in one package make it easy for the control ic to detect the abnormal over temperature of the sensefet. if the temperature exceeds approximately 140 c, the thermal shutdown triggers and the fps stops operation. the fps operates in auto-restart mode until the temperature decreases to around 80 c, when normal operation resumes. 5. soft-start : the fps has an internal soft-start circuit that increases the vs-pwm comparator inverting input voltage, together with the sensefet current, slowly after it starts up. the typical soft-start time is 5ms. the pulse width to the power switching device is progressively increased to establish the correct working conditions for transformers, inductors, and capacitors. the voltage on the output capacitors is progressively increased with the intention of smoothly establishing the required output voltage. this helps prevent transformer saturation and reduces stress on the secondary diode during startup. 6. burst-mode operation : to minimize power dissipation in standby mode, the fps enters burst- mode operation. as the load decreases, the feedback voltage decreases. as shown in figure 18, the device automatically enters burst mode when the feedback voltage drops below v burl (750mv). at this point, switching stops and the output voltages start to drop at a rate dependent on standby current load. this causes the feedback voltage to rise. once it passes v burh (850mv), switching resumes. the feedback voltage then falls and the process repeats. burst mode alternately enables and disables switching of the sensefet, reducing switching loss in standby mode.
? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 11 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter v fb v ds 0.75v 0.85v i ds vo vo set time switching disabled switching disabled t 4 t 3 t 2 t 1 figure 18. burst-mode operation 7. advanced valley switching operation : to minimize switching loss and electromagnetic interference (emi), the mosfet turns on when the drain voltage reaches its minimum value in vs converters. due to the discontinuous conduction mode (dcm) operation, the feedback voltage is not changed, despite the dc link voltage ripples, if the load condition is not changed. since the slope of the drain current is changed depending on the dc link voltage, the turn-on duration of mosfet is variable with the dc link voltage ripples. the switching period is changed continuously with the dc link voltage ripples. not only the switching at the instant of the minimu m drain voltage, but also the continuous change of the switching period, reduces emi. v s converters inherently sca tter the emi spectrum. typical products for vsc turn the mosfet on when the first valley is detected. in this case, the range of the switching frequency is very wide as a result of the load variations. at a very light-load, for example, the switching frequency can be as high as several hundred khz. some products for vsc, such as fairchild?s fscq-series, define the turn-on instant of sensefet change at the first valley into at the second valley, when the load condition decreases under its predetermined level. the range of switching frequency narrows somewhat. for details, consult an fscq-series datasheet, such as: http://www.fairchildsemi.com/pf/fs/fscq1265rt.html the range of the switching frequency can be limited tightly in fsq-series. because a kind of blanking time (t b ) is adopted, as shown in figure 19, the switching frequency has minimum and maximum values. once the sensefet is enabled, the next start is prohibited during the blanking time (t b ). after the blanking time, the controller finds the first valley within the duration of the valley detection window time (t w ) (case a, b, and c). if no valley is found in t w , the internal sensefet is forced to turn on at the end of t b w (case d). therefore, fsq510, fsq510h, and fsq510m have minimum switching frequency of 94.3khz and maximum switching frequency of 132khz, typically, as shown in figure 20. t s max =10.6s t s max =10.6s t b =7.6s t s_a t b =7.6s t s_b t b =7.6s t s_c i ds i ds i ds i ds i ds i ds i ds i ds t b =7.6s a b c d t w =3s figure 19. advanced vs operation 94.3khz 132khz 104 khz bur st mode con stant frequency d c b a p o when the resonant period is 2s figure 20. switching frequency range of the advanced valley switching
? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 12 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter package dimensions figure 21. 7-lead, dual in-line package (dip) package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and condition s, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ .
? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 13 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter package dimensions (continued) 5.08 max 0.33 min 2.54 7.62 0.56 0.355 1.65 1.27 3.683 3.20 3.60 3.00 6.67 6.096 9.83 9.00 7.62 9.957 7.87 0.356 0.20 notes: unless otherwise specified a) this package conforms to jedec ms-001 variation ba b) all dimensions are in millimeters. c) dimensions are exclusive of burrs, mold flash, and tie bar extrusions. d) dimensions and toleranc es per asme y14.5m-1994 8.255 7.61 e) drawing filename and revsion: mkt-n08frev2. (0.56) figure 22. 8-lead, dual in-line package (dip) package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and condition s, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ .
? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 14 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter package dimensions (continued) mkt-mlsop07areva figure 23. 7-lead, mlsop package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and condition s, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ .
? 2009 fairchild semiconductor corporation www.fairchildsemi.com fsq510, fsq510h, and fsq510m ? rev. 1.3.0 15 fsq510, fsq510h, and fsq510m ? green mode fairchild power switch (fps?) for valley switching converter


▲Up To Search▲   

 
Price & Availability of FSQ51009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X